Part Number Hot Search : 
MTRS9080 F200A50 0430452 FSB50325 S3GRYBL TRRPB 3KP75A S1808
Product Description
Full Text Search
 

To Download AZ831-2C-48DSE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AZ821/AZ831
SUBMINIATURE DIP RELAY
FEATURES * * * * * * * * * * * Low profile for compact board spacing DC coils to 48 VDC Single button crossbar contacts High sensitivity, 100 mW pickup Life expectancy to 15 million operations High switching capacity, 60 W, 120 VA Fits standard 16 pin IC socket Epoxy sealed for automatic wave soldering and cleaning Meets FCC Part 68.302 1500 V lightning surge Meets FCC Part 68.304 1000 V dielectric UL, CUR file E43203; CSA LR 701392 GENERAL DATA
DPDT (2 Form C) Resistive load: Max. switched power: 60 W or 120 VA Max. switched current: 2 A Max. switched voltage: 150 VDC or 240 VAC Rated Load UL CSA Material Resistance 1.25 A, 100 VDC, 30 W 0.5 A, 125 VAC 1.25 A, 150 VAC, 150 VDC, 30W, 50 VA Gold/silver alloy, gold plated < 50 milliohms initially 200 milliohms at end of life Life Expectancy Mechanical Electrical Operate Time (typical) Release Time (typical) Minimum operations 15 x 106 1 x 105 at 2 A 30 VDC Res. 3 ms at nominal coil voltage 2 ms at nominal coil voltage (with no coil suppression)
CONTACTS
Arrangement Ratings
Dielectric Strength 1000 Vrms coil to contact (at sea level for 1 min.) 750 Vrms contact to contact Insulation Resistance Dropout Capacitance 1000 megohms min. at 20C, 500 VDC, 50% RH Greater than 10% of nominal coil voltage Contact to contact: 2.0 pF Contact set to contact set: 1.5 pF Contact to coil: 5.0 pF At nominal coil voltage AZ821: -40C (-40F) to 75C (167F) AZ831: -40C (-40F) to 95C (203F) -40C (-40F) to 115C (239F) 1.5 mm DA at 10-55 Hz 40 g 11 ms 1/2 sine P.B.T. polyester 94 V-0 Tinned copper alloy 270C (518F) 5 seconds 80C (176F) 30 seconds 6 grams
COIL
Power At Pickup Voltage (typical) Max. Continuous Dissipation Temperature Rise Temperature AZ821: 250 mW AZ831: 100 mW 1.7 W at 20C (68F) 1.3 W at 40C (104F) AZ821: 37C (67F) at nominal coil voltage AZ831: 18C (32F) at nominal coil voltage Max. 115C (239F)
Ambient Temperature Operating Storage Vibration Shock Enclosure Terminals Max. Solder Temp.
NOTES
1. All values at 20C (68F). 2. Relay may pull in with less than "Must Operate" value. 3. Other coil resistances and sensitivities available upon request. 4. Specifications subject to change without notice.
Max. Solder Time Max. Solvent Temp. Max. Immersion Time Weight
3/29/06W
AZ821/AZ831
RELAY ORDERING DATA
STANDARD COIL SPECIFICATIONS
Nominal Coil VDC 5 6 9 12 24 48 Nominal Coil VDC 5 6 9 12 24 48 Max. Continuous VDC 7.8 10.9 15.4 21.8 42.2 82.5 Max. Continuous VDC 14.6 17.5 26.2 35.0 70.0 140.0 Coil Resistance 10% 36 70 140 280 1050 4000 Coil Resistance 10% 125 180 405 720 2,880 11,520 Must Operate VDC 3.75 4.5 6.8 9.0 18.0 36.0 Must Operate VDC 3.75 4.5 6.8 9.0 18.0 36.0
ORDER NUMBER
AZ821-2C-5DE AZ821-2C-6DE AZ821-2C-9DE AZ821-2C-12DE AZ821-2C-24DE AZ821-2C-48DE
SENSITIVE COIL SPECIFICATIONS ORDER NUMBER
AZ831-2C-5DSE AZ831-2C-6DSE AZ831-2C-9DSE AZ831-2C-12DSE AZ831-2C-24DSE AZ831-2C-48DSE
MECHANICAL DATA
.799 (20.3) .398 (10.1)
.010 (0.25)
.450 (11.4)
.028 (0.72)
.138 (3.5)
.016 (.04)
WIRING DIAGRAM
1 4 6 8
PC BOARD LAYOUT
.300 (7.62 )
16
13
11
9
.300 (7.62)
.200 .200 (5.08) (5.08)
.0.39 DIA (0.8) 8 HOLES
Viewed toward terminals
Viewed toward terminals
Dimensions in inches with metric equivalents in parentheses. Tolerance: .010"
3/29/06W


▲Up To Search▲   

 
Price & Availability of AZ831-2C-48DSE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X